Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4572 Datasheet(PDF) 24 Page - Monolithic Power Systems

Part # MP4572
Description  High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4572 Datasheet(HTML) 24 Page - Monolithic Power Systems

Back Button MP4572 Datasheet HTML 20Page - Monolithic Power Systems MP4572 Datasheet HTML 21Page - Monolithic Power Systems MP4572 Datasheet HTML 22Page - Monolithic Power Systems MP4572 Datasheet HTML 23Page - Monolithic Power Systems MP4572 Datasheet HTML 24Page - Monolithic Power Systems MP4572 Datasheet HTML 25Page - Monolithic Power Systems MP4572 Datasheet HTML 26Page - Monolithic Power Systems MP4572 Datasheet HTML 27Page - Monolithic Power Systems MP4572 Datasheet HTML 28Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
MPQ4572
– 60V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4572 Rev. 1.0
www.MonolithicPower.com
24
3/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Floating Driver and Bootstrap Charging
An external bootstrap capacitor powers the
floating HS-FET driver. There are two methods to
charge the bootstrap capacitor (see Figure 3).
The first method is through the main charging
circuit from VCC through a diode. When the HS-
FET is on, VSW is about equal to VIN but exceeds
VCC, and the bootstrap capacitor is not charged.
The best charging period occurs when the LS-
FET is on, and VCC - VSW is at its largest. When
there is no current in the inductor, VSW equals
VOUT, so VCC can only charge BST when VOUT is
very small.
The second method is through the auxiliary
charging circuit from VIN. When the voltage
difference between BST and SW is below the
internal 5V bootstrap regulator, a PMOS pass
transistor (M1) turns on to charge the bootstrap
capacitor. The charging current is much smaller
than that from VCC, but as long as VIN exceeds
VSW, BST can be charged. This function is useful
in sleep mode, when there is not always a switch.
Figure 3: Internal Bootstrap Charging Circuit
Low-Dropout Operation (BST Refresh)
To improve dropout, the MP4572 is designed to
operate at close to 100% duty cycle as long as
the BST-to-SW voltage exceeds 1.4V. When the
BST-to-SW voltage drops below 1.34V, the HS-
FET turns off using a UVLO circuit, which allows
the LS-FET to conduct and refresh the charge on
the BST capacitor. When the input voltage drops,
the HS-FET remains on and close to 100% duty
cycle to maintain output regulation until the BST-
to-SW voltage falls below 1.34V.
Since the supply current sourced from the BST
capacitor is low, the HS-FET can remain on for
more switching cycles than are required to
refresh the capacitor. The means the effective
duty cycle of the switching regulator is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com