Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4572 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4572
Description  High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4572 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4572 Datasheet HTML 10Page - Monolithic Power Systems MP4572 Datasheet HTML 11Page - Monolithic Power Systems MP4572 Datasheet HTML 12Page - Monolithic Power Systems MP4572 Datasheet HTML 13Page - Monolithic Power Systems MP4572 Datasheet HTML 14Page - Monolithic Power Systems MP4572 Datasheet HTML 15Page - Monolithic Power Systems MP4572 Datasheet HTML 16Page - Monolithic Power Systems MP4572 Datasheet HTML 17Page - Monolithic Power Systems MP4572 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
MP4572
– 60V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4572 Rev. 1.0
www.MonolithicPower.com
14
3/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 12V, VOUT = 5V, L = 15µH, fSW = 450kHz, AAM, TA = 25°C, unless otherwise noted.
CISPR25 Class 5 Peak Radiated
Emissions
Vertical, 30MHz to 200MHz
-5
0
5
10
15
20
25
30
35
40
45
50
55
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
NOISE FLOOR
VERTICAL POLARIZATION
CISPR25 Class 5 Average Radiated
Emissions
Vertical, 30MHz to 200MHz
-5
0
5
10
15
20
25
30
35
40
45
50
55
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
NOISE FLOOR
VERTICAL POLARIZATION
CISPR25 Class 5 Peak Radiated
Emissions
Horizontal, 200MHz to 1GHz
-5
0
5
10
15
20
25
30
35
40
45
50
55
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
NOISE FLOOR
HORIZONTAL POLARIZATION
CISPR25 Class 5 Average Radiated
Emissions
Horizontal, 200MHz to 1GHz
-5
0
5
10
15
20
25
30
35
40
45
50
55
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
NOISE FLOOR
HORIZONTAL POLARIZATION
CISPR25 Class 5 Peak Radiated
Emissions
Vertical, 200MHz to 1GHz
-5
0
5
10
15
20
25
30
35
40
45
50
55
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
NOISE FLOOR
VERTICAL POLARIZATION
CISPR25 Class 5 Average Radiated
Emissions
Vertical, 200MHz to 1GHz
-5
0
5
10
15
20
25
30
35
40
45
50
55
200
300
400
500
600
700
800
900
1000
Frequency (MHz)
CISPR25 CLASS 5 LIMITS
NOISE FLOOR
VERTICAL POLARIZATION
Notes:
8) The EMC test results are based on the application circuit with EMI filters (see Figure 8) and are tested on the EVQ4572-QB-00A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com