Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP4572 Datasheet(PDF) 30 Page - Monolithic Power Systems

Part # MP4572
Description  High-Efficiency, 2A, 60V, Fully Integrated Synchronous Buck Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4572 Datasheet(HTML) 30 Page - Monolithic Power Systems

Back Button MP4572 Datasheet HTML 24Page - Monolithic Power Systems MP4572 Datasheet HTML 25Page - Monolithic Power Systems MP4572 Datasheet HTML 26Page - Monolithic Power Systems MP4572 Datasheet HTML 27Page - Monolithic Power Systems MP4572 Datasheet HTML 28Page - Monolithic Power Systems MP4572 Datasheet HTML 29Page - Monolithic Power Systems MP4572 Datasheet HTML 30Page - Monolithic Power Systems MP4572 Datasheet HTML 31Page - Monolithic Power Systems MP4572 Datasheet HTML 32Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
MP4572
– 60V, 2A, SYNCHRONOUS STEP-DOWN CONVERTER
MP4572 Rev. 1.0
www.MonolithicPower.com
30
3/9/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
EN
GND
VOUT
100k
Ω
R1
10µF
C1A
22µF
C2A
22µF
C2B
15µH
L3
10µF
C1B
5V/2A
0.1µF
C1C
76.8k
Ω
R11
CCM/SYNCO
PG
41.2k
Ω
R4
20k
Ω
R6
7.68k
Ω
R5
1µF
C3
100k
Ω
R9
IN
8
FREQ
5
PG
3
SW
2
CCM/
SYNCO
11
VCC
6
EN
12
FB
4
U1
MP4572
0.1µF
C4
1
2
JP1
100k
Ω
R10
GND
VEMI
22µF
CIN9
1210
1210
0603
0.1µF
C1D
0603
D1
BZT52C6V2
Figure 8: Typical Application Circuit
EN
GND
VOUT
100k
Ω
R1
10µF
C1A
22µF
C2A
22µF
C2B
15µH
L3
10µF
C1B
5V-60V
5V/2A
0.1µF
C1C
76.8k
Ω
R11
CCM/SYNCO
10nF
C2D
PG
41.2k
Ω
R4
20k
Ω
R6
7.68k
Ω
R5
1nF
C2C
1µF
C3
100k
Ω
R9
IN
8
FREQ
5
PG
3
SW
2
CCM/
SYNCO
11
VCC
6
EN
12
FB
4
U1
MP4572
0.1µF
C4
1
2
JP1
100k
Ω
R10
10nF
C2F
1nF
C2E
0.1µF/100V
C12
R23
10
Ω/0603
0.1µF
C10
R20
10
Ω
0.1µF
C11
R21
10
Ω
VOUT
GND
VEMI
240nH
L1
22µF
CIN9
4.7µH
L2
10µF
CIN7
1nF
CIN1
10nF
CIN2
1nF
CIN3
10nF
CIN4
0603
0603
0603
0603
1µF
CIN5
1µF
CIN6
0805
0805
1210
10µF
CIN8
1210
1210
1210
0603
0.1µF
C1D
0603
VIN
VIN
D1
BZT52C6V2
VOUT
DFE201612E-R24M
FDSD0402-H-4R7M
Figure 9: Typical Application Circuit with EMI Filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com