Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 183 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 183 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 179Page - STMicroelectronics STM32W108HB Datasheet HTML 180Page - STMicroelectronics STM32W108HB Datasheet HTML 181Page - STMicroelectronics STM32W108HB Datasheet HTML 182Page - STMicroelectronics STM32W108HB Datasheet HTML 183Page - STMicroelectronics STM32W108HB Datasheet HTML 184Page - STMicroelectronics STM32W108HB Datasheet HTML 185Page - STMicroelectronics STM32W108HB Datasheet HTML 186Page - STMicroelectronics STM32W108HB Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
183/278
Slave mode: Trigger mode
In Trigger mode the counter starts in response to an event on a selected input.
In the following example, the up-counter starts in response to a rising edge on the TI2 input:
●
Configure channel 2 to detect rising edges on TI2 Configure the input filter duration. In
this example, no filter is required so IC2F = 0000. The capture prescaler is not used for
triggering, so it is not configured. The CC2S bits select the input capture source only,
CC2S = 01 in the TIMx_CCMR1 register. Write CC2P = 0 in the TIMx_CCER register to
validate the polarity and detect high level only.
●
Configure the timer in Trigger mode by writing SMS = 110 in the TIMx_SMCR register.
Select TI2 as the input source by writing TS = 110 in the TIMx_SMCR register.
When a rising edge occurs on TI2, the counter starts counting on the internal clock and the
TIE flag is set.
The delay between the rising edge on TI2 and the actual start of the counter is due to the
resynchronization circuit on the TI2 input.
Figure 43.
Control circuit in Trigger mode
Counter clock = CK_CNT = CK_PSC
Counter register
35 36 37 38
34
TI2
CNT_EN
TIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com