Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 187 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 187 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 183Page - STMicroelectronics STM32W108HB Datasheet HTML 184Page - STMicroelectronics STM32W108HB Datasheet HTML 185Page - STMicroelectronics STM32W108HB Datasheet HTML 186Page - STMicroelectronics STM32W108HB Datasheet HTML 187Page - STMicroelectronics STM32W108HB Datasheet HTML 188Page - STMicroelectronics STM32W108HB Datasheet HTML 189Page - STMicroelectronics STM32W108HB Datasheet HTML 190Page - STMicroelectronics STM32W108HB Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
187/278
The next example, synchronizes Timer 1 and Timer 2. Timer 1 is the master and starts from
0. Timer 2 is the slave and starts from 0xE7. The prescaler ratio is the same for both timers.
Timer 2 stops when Timer 1 is disabled by writing 0 to the CEN bit in the TIM1_CR1
register:
●
Configure Timer 1 in master mode to send its Output Compare Reference (OC1REF)
signal as trigger output (MMS = 100 in the TIM1_CR2 register).
●
Configure the Timer 1 OC1REF waveform (TIM1_CCMR1 register).
●
Configure Timer 2 to get the input trigger from Timer 1 (TS = 000 in the TIM2_SMCR
register).
●
Configure Timer 2 in gated mode (SMS = 101 in the TIM2_SMCR register).
●
Reset Timer 1 by writing 1 in the UG bit (TIM1_EGR register).
●
Reset Timer 2 by writing 1 in the UG bit (TIM2_EGR register).
●
Initialize Timer 2 to 0xE7 by writing 0xE7 in the Timer 2 counter (TIM2_CNTL).
●
Enable Timer 2 by writing 1 in the CEN bit (TIM2_CR1 register).
●
Start Timer 1 by writing 1 in the CEN bit (TIM1_CR1 register).
●
Stop Timer 1 by writing 0 in the CEN bit (TIM1_CR1 register).
Figure 47.
Gating Timer 2 with enable of Timer 1
TIE
Clear TIE
75
00
01
CK_INT
TIM1_CR1 CEN=1
TIM2-CNT
02
TIM1_CNT
AB
00
E7
E8
E9
TIMER2-CNT_INIT
TIMER2
write CNT[15:0]
TIMER1-CNT_INIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com