Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 189 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 189 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 185Page - STMicroelectronics STM32W108HB Datasheet HTML 186Page - STMicroelectronics STM32W108HB Datasheet HTML 187Page - STMicroelectronics STM32W108HB Datasheet HTML 188Page - STMicroelectronics STM32W108HB Datasheet HTML 189Page - STMicroelectronics STM32W108HB Datasheet HTML 190Page - STMicroelectronics STM32W108HB Datasheet HTML 191Page - STMicroelectronics STM32W108HB Datasheet HTML 192Page - STMicroelectronics STM32W108HB Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
189/278
Figure 49.
Triggering Timer 2 with enable of Timer 1
Starting both timers synchronously in response to an external trigger
This example, sets the enable of Timer 1 when its TI1 input rises, and the enable of Timer 2
with the enable of Timer 1. Refer to Figure 45 for connections. To ensure the counters are
aligned, Timer 1 must be configured in master/slave mode (slave with respect to TI1, master
with respect to Timer 2):
●
Configure Timer 1 in master mode to send its Enable as trigger output (MMS = 001 in
the TIM1_CR2 register).
●
Configure Timer 1 slave mode to get the input trigger from TI1 (TS = 100 in the
TIM1_SMCR register).
●
Configure Timer 1 in trigger mode (SMS = 110 in the TIM1_SMCR register).
●
Configure the Timer 1 in master/slave mode by writing MSM = 1 (TIM1_SMCR
register).
●
Configure Timer 2 to get the input trigger from Timer 1 (TS = 000 in the TIM2_SMCR
register).
●
Configure Timer 2 in trigger mode (SMS = 110 in the TIM2_SMCR register).
When a rising edge occurs on TI1 (Timer 1), both counters start counting synchronously on
the internal clock and both timers' TIE flags are set.
Note:
In this example both timers are initialized before starting by setting their respective UG bits.
Both counters starts from 0, but an offset can be inserted between them by writing any of
the counter registers (TIMx_CNT). The master/slave mode inserts a delay between
CNT_EN and CK_PSC on Timer 1.
TIE
Clear TIE
75
00
01
CK_INT
TIM1_CR1 CEN=1
TIM1_CNT
TIM2-CNT
02
TIMER1-CNT_INIT
CD
00
E7
E8
EA
TIMER2-CNT_INIT
TIMER2
write CNT[15:0]
E9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com