Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 191 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 191 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 187Page - STMicroelectronics STM32W108HB Datasheet HTML 188Page - STMicroelectronics STM32W108HB Datasheet HTML 189Page - STMicroelectronics STM32W108HB Datasheet HTML 190Page - STMicroelectronics STM32W108HB Datasheet HTML 191Page - STMicroelectronics STM32W108HB Datasheet HTML 192Page - STMicroelectronics STM32W108HB Datasheet HTML 193Page - STMicroelectronics STM32W108HB Datasheet HTML 194Page - STMicroelectronics STM32W108HB Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
191/278
10.1.15
Timer signal descriptions
Internal clock source: connects to STM32W108 peripheral
clock (PCLK) in internal clock mode.
Input to the clock prescaler.
External trigger input (used in external timer mode 2): a clock
selected by EXTRIGSEL in TIMx_OR.
External trigger: ETRP after filtering.
External trigger: ETR after polarity selection, edge detection
and prescaling.
Input capture or clock: TIy after filtering and edge detection.
Input capture signal after filtering, edge detection and
prescaling: input to the capture register.
Internal trigger input: connected to the other timer's output,
TRGO.
Output compare: TIMxCy when used as an output. Same as
OCyREF but includes possible polarity inversion.
Output compare reference: always active high, but may be
inverted to produce OCy.
Peripheral clock connects to CK_INT and used to clock input
filtering. Its frequency is 12 MHz if using the 24 MHz HSE
OSC and 6 Mhz if using the 12 MHz HSI RC oscillator.
Timer input: TIMxCy when used as a timer input.
Timer input after filtering and polarity selection.
Timer channel at a GPIO pin: can be a capture input (ICy) or
a compare output (OCy).
Clock input (if selected) to the external trigger signal (ETR).
Clock mask (if enabled) AND'ed with the other timer's
TIMxCLK signal.
Trigger input for slave mode controller.
Table 35.
Timer signal descriptions
Signal
Internal/external
Description
CK_INT
Internal
CK_PSC
Internal
ETR
Internal
ETRF
Internal
ETRP
Internal
ICy
External
ICyPS
Internal
ITR0
Internal
OCy
External
OCyREF
Internal
PCLK
External
TIy
Internal
TIyFPy
Internal
TIMxCy
Internal
TIMxCLK
External
TIMxMSK
External
TRGI
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com