Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 192 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 192 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 188Page - STMicroelectronics STM32W108HB Datasheet HTML 189Page - STMicroelectronics STM32W108HB Datasheet HTML 190Page - STMicroelectronics STM32W108HB Datasheet HTML 191Page - STMicroelectronics STM32W108HB Datasheet HTML 192Page - STMicroelectronics STM32W108HB Datasheet HTML 193Page - STMicroelectronics STM32W108HB Datasheet HTML 194Page - STMicroelectronics STM32W108HB Datasheet HTML 195Page - STMicroelectronics STM32W108HB Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
192/278
Doc ID 16252 Rev 14
10.2
Interrupts
Several kinds of timer events can generate a timer interrupt, and each has a status flag in
the TIMx_SR register to identify the reason(s) for the interrupt:
●
TIE - set by a rising edge on an external trigger, either edge in gated mode
●
CCyIF - set by a channel y input capture or output compare event
●
UIF - set by an update event
Clear bits in TIMx_SR by writing a 1 to their bit position. When a channel is in capture mode,
reading the TIMx_CCRy register will also clear the CCyIF bit.
The TIMx_IER register controls whether or not the TIMx_SR bits actually request an ARM®
Cortex-M3 timer interrupt. Only the events whose bits are set to 1 in TIMx_IER can do so.
If an input capture or output compare event occurs and its CCyIM is already set, the
corresponding capture/compare missed flag is set in the TIMx_MISSR register. Clear a bit in
the TIMx_MISSR register by writing a 1 to it.
10.3
General-purpose timers 1 and 2 registers
10.3.1
Timer x interrupt and status register (TIMx_ISR)
Address offset: 0xA800 (TIM1) and 0xA804 (TIM2)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
RSVD[3:0]: May change during normal operation
Reserved, must be kept at reset value
TIF: Trigger interrupt
Reserved, must be kept at reset value
CC4IF: Capture or compare 4 interrupt pending
CC3IF: Capture or compare 3 interrupt pending
CC2IF: Capture or compare 2 interrupt pending
CC1IF: Capture or compare 1 interrupt pending
UIF: Update interrupt pending
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
RSVD[3:0]
Reserved
TIF
Reserved
CC4IF
CC3IF
CC2IF
CC1IF
UIF
rrr
r
rw
rw
rw
rw
rw
rw
Bits [31:13]
Bits [12:9]
Bits [8:7]
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com