Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 196 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 196 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 192Page - STMicroelectronics STM32W108HB Datasheet HTML 193Page - STMicroelectronics STM32W108HB Datasheet HTML 194Page - STMicroelectronics STM32W108HB Datasheet HTML 195Page - STMicroelectronics STM32W108HB Datasheet HTML 196Page - STMicroelectronics STM32W108HB Datasheet HTML 197Page - STMicroelectronics STM32W108HB Datasheet HTML 198Page - STMicroelectronics STM32W108HB Datasheet HTML 199Page - STMicroelectronics STM32W108HB Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
196/278
Doc ID 16252 Rev 14
10.3.5
Timer x control register 2 (TIMx_CR2)
Address offset: 0xE004 (TIM1) and 0xF004 (TIM2)
Reset value:
0x0000 0000
Reserved, must be kept at reset value
TI1S: TI1 Selection
MMS[2:0]: Master Mode Selection
Reserved, must be kept at reset value
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
TI1S
MMS[2:0]
Reserved
rw
rw
rw
rw
Bits [31:8]
Bit 7
0: TI1M (input of the digital filter) is connected to TI1 input.
1: TI1M is connected to the TI_HALL inputs (XOR combination).
Bits [6:4]
This selects the information to be sent in master mode to a slave timer for synchronization
using the trigger output (TRGO).
000: Reset - the UG bit in the TIMx_EGR register is trigger output.
If the reset is generated by the trigger input (slave mode controller configured in reset mode),
then the signal on TRGO is delayed compared to the actual reset.
001: Enable - counter enable signal CNT_EN is trigger output.
This mode is used to start both timers at the same time or to control a window in which a
slave timer is enabled. The counter enable signal is generated by either the CEN control bit or
the trigger input when configured in gated mode. When the counter enable signal is
controlled by the trigger input there is a delay on TRGO except if the master/slave mode is
selected (see the MSM bit description in TIMx_SMCR register).
010: Update - update event is trigger output
This mode allows a master timer to be a prescaler for a slave timer.
011: Compare Pulse
The trigger output sends a positive pulse when the CC1IF flag is to be set (even if it was
already high) as soon as a capture or a compare match occurs.
100: Compare - OC1REF signal is trigger output
101: Compare - OC2REF signal is trigger output
110: Compare - OC3REF signal is trigger output
111: Compare - OC4REF signal is trigger output
Bits [3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com