Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 198 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 198 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 194Page - STMicroelectronics STM32W108HB Datasheet HTML 195Page - STMicroelectronics STM32W108HB Datasheet HTML 196Page - STMicroelectronics STM32W108HB Datasheet HTML 197Page - STMicroelectronics STM32W108HB Datasheet HTML 198Page - STMicroelectronics STM32W108HB Datasheet HTML 199Page - STMicroelectronics STM32W108HB Datasheet HTML 200Page - STMicroelectronics STM32W108HB Datasheet HTML 201Page - STMicroelectronics STM32W108HB Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
198/278
Doc ID 16252 Rev 14
Bits [11:8] ETF[3:0]: External Trigger Filter
This defines the frequency used to sample the ETRP signal, fSampling, and the length of the
digital filter applied to ETRP. The digital filter is made of an event counter in which N events
are needed to validate a transition on the output:
0000: fSampling = PCLK, no filtering
0001: fSampling = PCLK, N=2
0010: fSampling = PCLK, N=4
0011: fSampling = PCLK, N=8
0100: fSampling = PCLK/2, N=
0101: fSampling = PCLK/2, N=8
0110: fSampling = PCLK/4, N=6
0111: fSampling = PCLK/4, N=8
1111: fSampling = PCLK/32, N=8
1110: fSampling = PCLK/32, N=6
1101: fSampling = PCLK/32, N=5
1100: fSampling = PCLK/16, N=8
1011: fSampling = PCLK/16, N=6
1010: fSampling = PCLK/16, N=5
1001: fSampling = PCLK/8, N=8
1000: fSampling = PCLK/8, N=6
Note: PCLK is 12 MHz when the STM32W108 is using the 24 MHz HSE OSC, and 6 MHz if
using the 12 MHz HSI RC oscillator.
Bit 7 MSM: Master/Slave Mode
0: No action
1: The effect of an event on the trigger input (TRGI) is delayed to allow exact synchronization
between the current timer and the slave (through TRGO). It is useful for synchronizing timers
on a single external event.
Bits [6:4] TS[2:0]: Trigger Selection
This bit field selects the trigger input used to synchronize the counter.
000 : Internal Trigger 0 (ITR0)
100 : TI1 Edge Detector (TI1F_ED)
101 : Filtered Timer Input 1 (TI1FP1)
110 : Filtered Timer Input 2 (TI2FP2)
111 : External Trigger input (ETRF)
Note: These bits must be changed only when they are not used (when SMS=000) to avoid
detecting spurious edges during the transition.
Bit 3 Reserved, must be kept at reset value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com