Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 197 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 197 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 193Page - STMicroelectronics STM32W108HB Datasheet HTML 194Page - STMicroelectronics STM32W108HB Datasheet HTML 195Page - STMicroelectronics STM32W108HB Datasheet HTML 196Page - STMicroelectronics STM32W108HB Datasheet HTML 197Page - STMicroelectronics STM32W108HB Datasheet HTML 198Page - STMicroelectronics STM32W108HB Datasheet HTML 199Page - STMicroelectronics STM32W108HB Datasheet HTML 200Page - STMicroelectronics STM32W108HB Datasheet HTML 201Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
General-purpose timers
Doc ID 16252 Rev 14
197/278
10.3.6
Timer x slave mode control register (TIMx_SMCR)
Address offset: 0xE008 (TIM1) and 0xF008 (TIM2)
Reset value:
0x0000 0000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
ETP
ECE
ETPS[1:0]
ETF[3:0]
MSM
TS[2:0]
Reserved
SMS[2:0]
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Bits [31:16] Reserved, must be kept at reset value
Bit 15 ETP: External Trigger Polarity
This bit selects whether ETR or the inverse of ETR is used for trigger operations.
0: ETR is non-inverted, active at a high level or rising edge
1: ETR is inverted, active at a low level or falling edge
Bit 14 ECE: External Clock Enable
This bit enables external clock mode 2.
0: External clock mode 2 disabled
1: External clock mode 2 enabled. The counter is clocked by any active edge on the ETRF
signal.
Note: Setting the ECE bit has the same effect as selecting external clock mode 1 with TRGI
connected to ETRF (SMS=111 and TS=111). It is possible to use this mode simultaneously
with the following slave modes: reset mode, gated mode and trigger mode. TRGI must not be
connected to ETRF in this case (the TS bits must not be 111). If external clock mode 1 and
external clock mode 2 are enabled at the same time, the external clock input will be ETRF.
Bits [13:12] ETPS[1:0]: External Trigger Prescaler
External trigger signal ETRP frequency must be at most 1/4 of CK frequency. A prescaler
can be enabled to reduce ETRP frequency. It is useful with fast external clocks.
00: ETRP prescaler off
01: Divide ETRP frequency by 2
10: Divide ETRP frequency by 4
11: Divide ETRP frequency by 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com