Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32W108HB Datasheet(PDF) 184 Page - STMicroelectronics

Part # STM32W108HB
Description  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB Datasheet(HTML) 184 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 180Page - STMicroelectronics STM32W108HB Datasheet HTML 181Page - STMicroelectronics STM32W108HB Datasheet HTML 182Page - STMicroelectronics STM32W108HB Datasheet HTML 183Page - STMicroelectronics STM32W108HB Datasheet HTML 184Page - STMicroelectronics STM32W108HB Datasheet HTML 185Page - STMicroelectronics STM32W108HB Datasheet HTML 186Page - STMicroelectronics STM32W108HB Datasheet HTML 187Page - STMicroelectronics STM32W108HB Datasheet HTML 188Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 278 page
background image
General-purpose timers
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
184/278
Doc ID 16252 Rev 14
Slave mode: External clock mode 2 + Trigger mode
External clock mode 2 can be used in combination with another slave mode (except external
clock mode 1 and encoder mode). In this case, the ETR signal is used as external clock
input, and another input can be selected as trigger input when operating in reset mode,
gated mode or trigger mode. It is not recommended to select ETR as TRGI through the TS
bits of TIMx_SMCR register.
In the following example, the up-counter is incremented at each rising edge of the ETR
signal as soon as a rising edge of TI1 occurs:
●
Configure the external trigger input circuit by programming the TIMx_SMCR register as
follows:
–
ETF = 0000: no filter.
–
ETPS = 00: prescaler disabled.
–
ETP = 0: detection of rising edges on ETR and ECE = 1 to enable the external
clock mode 2.
●
Configure the channel 1 as follows, to detect rising edges on TI:
–
IC1F = 0000: no filter.
–
The capture prescaler is not used for triggering and does not need to be
configured.
–
CC1S = 01in the TIMx_CCMR1 register to select only the input capture source.
–
CC1P = 0 in the TIMx_CCER register to validate the polarity (and detect rising
edge only).
●
Configure the timer in Trigger mode by writing SMS = 110 in the TIMx_SMCR register.
Select TI1 as the input source by writing TS = 101 in the TIMx_SMCR register.
A rising edge on TI1 enables the counter and sets the TIE flag. The counter then counts on
ETR rising edges.
The delay between the rising edge of the ETR signal and the actual reset of the counter is
due to the resynchronization circuit on ETRP input.
Figure 44.
Control circuit in External clock mode 2 + Trigger mode
Counter clock = CK_CNT = CK_PSC
Counter register
35
36
34
ETR
CEN/CNT_EN
TIE
TI1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com