Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL82SD Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 16Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 17Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 18Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 19Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 20Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 21Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 22Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 23Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
20
Figure 26: Channel Link Mode Deserializer Receive (Using 8:1 Mode as Example)
Figure 27: 1:1 Mode Asynchronous Level Conversion Mode Deserializer Delays
SERDES Bit Error Rate
The following table indicates the SERDES bit error rate at TA = 25
° C and
PLLVcc = 2.5 V unless otherwise specified.
Table 18: Serializer/Deserializer Bit Error Rate
Modes
Bit Error Rate
10:1
< 1 x 10-12
8:1
< 1 x 10-12
7:1
< 1 x 10-12
4:1
< 1 x 10-12
[bit3] [bit2] [bit1] [bit0] [bit7] [bit6] [bit5] [bit4]
Pad_Clkx_p/n
Pad_Chx_p/n
SerialClock
(Internal)
RXD [1] max
[0] max
[1] min
[0] min
Chx
_rxclk
Chx_rxd[7:0]
Note:
[N-1] denotes
physical strobe positions
wrt Pad_ClkX_p/n while
Pad_ChX_p/n bit[n] refers
logical bit positions
wrt ChX
_rxd [7:0].
t
t
t
RXD
t
RXD
t
RXD
t
t
t
t
RCP
SCP
SCD
Strobe
RXDS
RXDH
t
t
RXPD
DD
RXD
t
to
Ch0_txd [0]
Pad_Ch0_p/n
ClkA_txclk
Pad_ClkA_p/n
t
ASD
t
ASC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com