Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL82SD Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QL82SD Datasheet HTML 1Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 2Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 3Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 4Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 5Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 6Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 7Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 8Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
5
www.quicklogic.com
Ordering Information
Maximum Ratings and Operating Range
Table 2: Absolute Maximum Electrical Ratings
VCC Voltage
-0.3 V to 4 V
Bus LVDS Driver
Output Voltage
-0.3 V to +2.8 V
LVCMOS/LVTTL
Input Voltage
-0.3 V to (VCC + 0.3 V)
Bus LVDS Output Short
Circuit Duration
10 mS
LVCMOS/LVTTL
Output Voltage
-0.3 V to (VCC + 0.3 V)
ESD Rating
HBM 2 kV
Bus LVDS Receiver
Input Voltage
-0.3 V to +2.8 V
Table 3: Absolute Maximum Thermal Ratings
Junction Temperature
+150°C
Lead Temperature
(Soldering, 4 seconds)
+260°C
Storage Temperature
-65°C to +150°C
Thermal and Power
Dissipation
Characteristics
See the following table
Table 4: Thermal and Power Dissipation Characteristics
Package
0ja (*C/W vs. Airflow
0jc (*C/W)
Estimated Maximum
Power Dissipation (W)
0.0
0.5
1.0
2.0
PQ208
26.0
24.5
23.0
22.0
11.0
1.65
QL 82SD - 4 PB516 C
QuickLogic device
QuickSD device
part number
Speed Grade
4 = Quick
5 = Fast
6 = Faster
7 = Fastest
Package Code
PQ208 = 208-pin FPBGA
PT280 = 280-pin BGA (1.0mm)
PS484 = 484-pin BGA (1.0mm)
PB516 = 516-pin BGA (1.27mm)
Operating Range
C = Commercial
I = Industrial
M = Military



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com