Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL82SD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 2Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 3Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 4Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 5Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 6Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 7Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 8Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 9Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
6
Electrical Specifications - LVDS SERDES
LVDS SERDES Transceiver Capability (Speed)
General Test Conditions
All tests are done for the 484-pin BGA package (1.00 mm pitch). The tests are set up so
that an LVDS SERDES channel of a QL82SD transmits, and the other LVDS SERDES
channel of the same device (or another QL82SD device) receives. All results are given as
worst cases over commercial temperature, VCC, and process, with PLLVCC = 2.5 V unless
otherwise specified.
If the QL82SD device is used only for transmit or receive, but not both simultaneously, the
performance can be significantly better, and, in many cases, exceeds 1 Gb/s per channel.
NOTE: All data are in Mb/s. Low/High frequencey refers to internal SERDES PLL lock
range (see Table 29 on page 31 for more information).
PT280
18.5
17.0
15.5
14.0
7.0
2.24
PS484
28.0
26.0
25.0
23.0
9.0
2.42
PB516
20.0
19.0
17.5
16.0
7.0
2.51
Table 5: Operating Ranges
Symbol
Parameter
Industrial
Commercial
Unit
Min
Max
Min
Max
Vcc
Supply Voltage
2.3
2.7
2.3
2.7
V
Vccio
I/O Input Tolerance Voltage
2.3
3.6
2.3
3.6
V
TA
Ambient Temperature
-40
85
0
70
°C
K
Delay Factor
-4 Speed Grade
0.43
2.16
0.47
2.11
n/a
-5 Speed Grade
0.43
1.80
0.46
1.76
n/a
-6 Speed Grade
0.43
1.26
0.46
1.23
n/a
-7 Speed Grade
0.43
1.14
0.46
1.11
n/a
Table 4: Thermal and Power Dissipation Characteristics
Package
0ja (*C/W vs. Airflow
0jc (*C/W)
Estimated Maximum
Power Dissipation (W)
0.0
0.5
1.0
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com