Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL82SD Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 39Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 40Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 41Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 42Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 43Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 44Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 45Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 46Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
43
www.quicklogic.com
When I/O pins are unused, the OE controls can be permanently disabled, allowing the output
cell register to be used for registered feedback into the logic array.
I/O cell registers are controlled by clock, clock enable, and reset signals, which can come
from the regular routing resources, from one of the global networks, or from two input pins
per bank of I/O's. The CLK and RESET signals share a common line, while the clock enables
for each register can be independently controlled. Additionally, the output and enable
registers will increase a device's register count. The addition of an output register will also
decrease the TCO. Since the output register does not need to drive the routing, the length
of the output path is also reduced.
Extra registers add more inputs and outputs to the I/O structure. Extra routing resources are
added to connect the I/O structure to the other parts of the device.
I/O interface support is programmable on a per bank basis. There are 4 I/O banks per chip.
Users can not mix a 2.5 volt I/O with 3.3 volt I/O on the same I/O bank. Figure 52 illustrates
the multiple I/O bank configurations.
Figure 52: Multiple I/O Bank Configurations
Each I/O bank is independent of other I/O banks and each I/O bank has its own VCCIO and
VREF supplies. A mixture of different I/O standards can be used on the device; however, there
is a limitation as to which I/O standards can be supported within a given bank. Differential
I/O can be shared with non differential I/O. There can only be one VREF and one VCCIO per
bank.
Programmable Slew Rate
Each I/O has programmable slew rate capability. The rate is programmable to one of two
slew rates: either fast or slow. The slower rate can be used to reduce ground bounce noise.
The slow slew rate is 1 V/ns under typical conditions. The fast slew rate is 2.8 V/ns
Table 34: 3.3 V Slew Rate
VCCIO = 3.3 V
Fast Slew
Slow Slew
Rising Edge
2.8 V/nS
1.0 V/vS
Falling Edge
2.86 V/nS
1.0 V/nS
VCCIO 0
VREF 0
I/O Bank 0
VCCIO 1
VREF 1
I/O Bank 2
VCCIO 2
VREF 2
VCCIO 3
VREF 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com