Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL82SD Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 42Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 43Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 44Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 45Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 46Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 47Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 48Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 49Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
46
IEEE Standard 1149.1a
The QuickSD device supports IEEE standard 1149.1a. The following public instructions are
supported: BYPASS, EXTEST, and SAMPLE/PRELOAD. Two additional modes RAMWT
and RAMRD can be used to load the RAM.
Figure 55: JTAG Block Diagram
JTAG BSDL Support
•
BSDL-Boundary Scan Description Language
•
Machine-readable data for test equipment to generate testing vectors and software
•
BSDL files available for all device/ package combinations from QuickLogic
•
Extensive industry support available and ATG (Automatic Test-vector Generation)
Security Fuses
There are two security links, one to disable reading from the array and the other to disable
JTAG.
8-bit Programming
The QuickSD device has 8-bit programming capability. The addition of four extra
programming supplies is used in the reduction of programming time.
TCK
TMS
TRSTB
Logic Cell
Array
I/O Registers
User Defined Data Register
Bypass
Register
Boundary-Scan Register
(Data Register)
Mux
Instruction Register
Mux
Tap Controller
State Machine
(16 States)
Instruction Decode
&
Control Logic
RDI
TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com