Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL82SD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QL82SD Datasheet HTML 1Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 2Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 3Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 4Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 5Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 6Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 7Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 8Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
4
LVDS SERDES Applications
The QuickSD device is designed to address the need for high-speed serial communications.
It maintains the features of standard discrete SERDES devices, but integrates these features
with customizable logic to allow for the highest degree of flexibility, performance, and
integration at the lowest cost. The QuickSD device is designed to support both transmit and
receive requirements in a single chip. The device can support multiple channels in a variety
of modes (with or without clock recovery,) a variety of translation widths (1:1 to 1:10), as
well as a range of frequencies. These capabilities make this device ideal in applications where
the performance is critical and customization is required.
The QuickSD device targets three applications: on-board, board-to-board (via common
backplane), and box-to-box (via common cable).
Software Support
The turnkey QuickWorkspackage from QuickLogicprovides the most complete ESP and
FPGA software solution from design entry to logic synthesis, to place and route, and to
simulation. The package provides a solution for designers who use third-party tools from
Cadence, Mentor, OrCAD, Synopsys, Viewlogic, Veribest and other third-party tools for
design entry, synthesis, or simulation. A power calculator is also provided for SERDES power
consumption.
To speed up the QuickSD design process, QuickLogic includes a SERDES Wizard in its
QuickWorks package. This wizard simplifies the process of configuring the multi-channel
SERDES core into each of its modes. For details on the SERDES Wizard, please refer to "The
QL82SD Quickstart Design Guide". To find this guide go to the QuickSD device
documentation Web page at
htt p : //www.qui ck logi c.co m/ho me . asp?Pag eID = 31 5&sMenuI D= 1 99#Ord er
.
Process Data
QuickSD is fabricated on a 0.25
µ, five-layer metal CMOS process. The core voltage is
2.5 Volt VCC supply and 3.3 V tolerant I/O with the addition of 3.3 Volt VCCIO. QuickSD is
available in commercial and industrial temperature grades.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com