Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL82SD Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 24Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 25Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 26Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 27Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 28Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 29Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 30Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 31Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
28
RAM Cell Synchronous Write Timing
Table 27: RAM Cell Synchronous Write Timing
Figure 41: RAM Cell Synchronous Write Timing
Symbol
Parameter
Propagation
delay (ns)
tSWA
WA setup time to WCLK: the amount of time the WRITE ADDRESS
must be stable before the active edge of the WRITE CLOCK
0.675
tHWA
WA hold time to WCLK: the amount of time the WRITE ADDRESS
must be stable after the active edge of the WRITE CLOCK
0
tSWD
WD setup time to WCLK: the amount of time the WRITE DATA must
be stable before the active edge of the WRITE CLOCK
0.654
tHWD
WD hold time to WCLK: the amount of time the WRITE DATA must
be stable after the active edge of the WRITE CLOCK
0
tSWE
WE setup time to WCLK: the amount of time the WRITE ENABLE
must be stable before the active edge of the WRITE CLOCK
0.623
tHWE
WE hold time to WCLK: the amount of time the WRITE ENABLE must
be stable after the active edge of the WRITE CLOCK
0
tWCRD
WCLK to RD (WA=RA): the amount of time between the active WRITE
CLOCK edge and the time when the data is available at RD
4.38
tSWA
tSWD
tSWE
tHWA
tHWD
tHWE
tWCRD
old data
new data
WCLK
WA
WD
WE
RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com