Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL82SD Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 36Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 37Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 38Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 39Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 40Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 41Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 42Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 43Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
40
Dedicated Clock
There is one dedicated clock in QuickSD devices. It connects to the clock input of the
SuperCell, I/O, and RAM registers through a hardwired connection and is multiplexed with
the programmable clock input. There are four inversions from pad to register inputs and the
dedicated clock takes on the same configuration as the global clock. The dedicated clock
provides a fast global network with low skew. You can select either the dedicated clock or the
programmable clock; Figure 50 gives the dedicated clock circuitry within the logic cell.
Figure 50: Dedicated Clock Circuitry
The performance of the dedicated clock is given in Table 32
Table 32: Dedicated Clock Performance
Clock Performance
TT, 25C, 2.5 V
Global
Dedicated
Macro (rear)
1.51
1.59
I/O (far)
2.06
1.73
Skew
0.55
0.14
Programmable clock
Hard-wired clock
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com