Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL82SD Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # QL82SD
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button QL82SD Datasheet HTML 40Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 41Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 42Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 43Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 44Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 45Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 46Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 47Page - List of Unclassifed Manufacturers QL82SD Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
www.quicklogic.com
© 2002 QuickLogic Corporation
•
•
•
•
•
•
QL82SD Device Data Sheet Rev C
Preliminary
44
.
NOTE: Condition: 2.5 V, 25
°C
Programmable Weak-Pull
Programmable weak pull-down resistors are available on each I/O. I/O Weak Pull-Down
eliminates the need for an external pull-down resistor for used I/O. The spec for pull-down
current is a maximum of 150 uA under a worst case condition.
-148 uA @ 3.6 V, -55 °C,
- 69 uA@ 2.5 V, 25 °C. Figure 53 illustrates the weak pull-down circuit.
Figure 53: I/O Weak Pull-Down Circuit
I/O Control and Local Hi-Drives
Each bank of I/Os has two input-only pins that can be programmed to drive the RST, CLK,
and EN inputs of I/O's in that bank. These input-only pins also double up as high-drive inputs
to a quadrant. Both as an I/O control or high-drive, these buffers can be driven by the
internal logic. The I/O control network and local high-drive performance is indicated in
Table 36
.
Table 35: 2.5 V Slew Rate
VCCIO = 2.5 V
Fast Slew
Slow Slew
Rising Edge
1.7 V/nS
0.6 V/vS
Falling Edge
1.9 V/nS
0.6 V/nS
Table 36: I/O Control Network/ Local Hi-Drive Performance
TT, 25C, 2.5V
From Pad
From Array
I/O (slow)
1.00 ns
1.14 ns
I/O (fast)
0.63 ns
0.78 ns
Skew
0.37 ns
0.36 ns
I/O
Register 1
PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com