Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7232G Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE7232G Datasheet HTML 24Page - Infineon Technologies AG TLE7232G Datasheet HTML 25Page - Infineon Technologies AG TLE7232G Datasheet HTML 26Page - Infineon Technologies AG TLE7232G Datasheet HTML 27Page - Infineon Technologies AG TLE7232G Datasheet HTML 28Page - Infineon Technologies AG TLE7232G Datasheet HTML 29Page - Infineon Technologies AG TLE7232G Datasheet HTML 30Page - Infineon Technologies AG TLE7232G Datasheet HTML 31Page - Infineon Technologies AG TLE7232G Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Serial Peripheral Interface (SPI)
Data Sheet
28
V1.0, 2005-09-30
4.4.4
Electrical Characteristics
Unless otherwise specified:
V
VSO = 3.0 V to 5.5 V, Vdd = 4.5 V to 5.5 V, Tj = -40 °C to 150 °C
typical values:
V
VSO = 5.0 V, Vdd = 5.0 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Test
Conditions
min. typ.
max.
Power Supply
4.4.1
Power supply voltage
for SO buffer
V
VSO
3.0
5.5
V
Input Characteristics (CS, SCLK, SI)
4.4.2
L level of pin
CS
SCLK
SI
V
CS(L)
V
SCLK(L)
V
SI(L)
01
V
4.4.3
H level of pin
CS
SCLK
SI
V
CS(H)
V
SCLK(H)
V
SI(H)
2
V
dd
V
4.4.4
L-input pull-up current
through CS
I
CS(L)
10
20
50
µA
V
CS = 0 V
4.4.5
H-input pull-up
current through CS
I
CS(H)
550
µA
1)
V
CS = 2 V
4.4.6
L-input pull-down
current through pin
SCLK
SI
I
SCLK(L)
I
SI(L)
550
µA
1)
V
SCLK = 1 V
V
SI = 1 V
4.4.7
H-input pull-down
current through pin
SCLK
SI
I
SCLK(H)
I
SI(H)
10
20
50
µA
V
SCLK = 5 V
V
SI = 5 V
Output Characteristics (SO)
4.4.8
L level output voltage
V
SO(L)
00.4
V
I
SO = -2.5 mA
4.4.9
H level output voltage
V
SO(H)
4.6
2.4
5
3
I
SO = 2 mA
V
VSO = 5 V
V
VSO = 3 V
4.4.10 Output tristate
leakage current
I
SO(OFF)
-10
10
µA
V
CS = Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com