Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7232G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE7232G Datasheet HTML 1Page - Infineon Technologies AG TLE7232G Datasheet HTML 2Page - Infineon Technologies AG TLE7232G Datasheet HTML 3Page - Infineon Technologies AG TLE7232G Datasheet HTML 4Page - Infineon Technologies AG TLE7232G Datasheet HTML 5Page - Infineon Technologies AG TLE7232G Datasheet HTML 6Page - Infineon Technologies AG TLE7232G Datasheet HTML 7Page - Infineon Technologies AG TLE7232G Datasheet HTML 8Page - Infineon Technologies AG TLE7232G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Data Sheet
4
V1.0, 2005-09-30
Basic Features
• 16 bit SPI for diagnostics and control
• SPI providing daisy chain capability
• 3.3 V and 5 V compatible SPI
• A configurable input pin offers complete flexibility for PWM operation
• Stable behavior at under voltage
Protective Functions
• Short circuit protection
• Over load protection, configurable behavior (limitation or shutdown)
• Thermal shutdown, configurable behavior (latch or restart)
• Electrostatic discharge protection (ESD)
Diagnostic Functions
• Diagnostic information via SPI
• Open load detection in OFF-state
• Shorted to GND detection in OFF-state
• Over temperature in ON-state
• Over load in ON-state
Applications
• Especially designed for driving relays in automotive applications
• All types of capacitive, resistive and inductive loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com