Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7232G Datasheet(PDF) 31 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 31 Page - Infineon Technologies AG

Back Button TLE7232G Datasheet HTML 27Page - Infineon Technologies AG TLE7232G Datasheet HTML 28Page - Infineon Technologies AG TLE7232G Datasheet HTML 29Page - Infineon Technologies AG TLE7232G Datasheet HTML 30Page - Infineon Technologies AG TLE7232G Datasheet HTML 31Page - Infineon Technologies AG TLE7232G Datasheet HTML 32Page - Infineon Technologies AG TLE7232G Datasheet HTML 33Page - Infineon Technologies AG TLE7232G Datasheet HTML 34Page - Infineon Technologies AG TLE7232G Datasheet HTML 35Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Serial Peripheral Interface (SPI)
Data Sheet
31
V1.0, 2005-09-30
Note: Reading a register needs two SPI frames. In the first frame the RD command is
sent. In the second frame the output at SPI signal SO will contain the requested
information. A new command can be executed in the second frame.
SO
Standard Diagnosis
Reset Value: xxxxH
15
14
13
12
11
10
98765
43210
CH7
CH6
CH5
CH4
CH3
CH2
CH1
CH0
Field
Bits
Type Description
CHn
(n = 7-0)
(2n+1):
2n
Standard Diagnosis for Channel n
00
Short circuit to GND
01
Open load
10
Over load, over temperature
11
Normal operation
SO
Second Frame of Read Command
Reset Value: xxxxH
15
14
13
12
11
10
98765
43210
01000
ADDR
DATA
Field
Bits
Type Description
ADDR
10:8
Address
Pointer to register for read and write command
DATA
7:0
Data
Data written to or read from register selected by address
ADDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com