Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7232G Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE7232G Datasheet HTML 14Page - Infineon Technologies AG TLE7232G Datasheet HTML 15Page - Infineon Technologies AG TLE7232G Datasheet HTML 16Page - Infineon Technologies AG TLE7232G Datasheet HTML 17Page - Infineon Technologies AG TLE7232G Datasheet HTML 18Page - Infineon Technologies AG TLE7232G Datasheet HTML 19Page - Infineon Technologies AG TLE7232G Datasheet HTML 20Page - Infineon Technologies AG TLE7232G Datasheet HTML 21Page - Infineon Technologies AG TLE7232G Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Protection Functions
Data Sheet
18
V1.0, 2005-09-30
4.2
Protection Functions
The device provides embedded protective functions. Integrated protection functions are
designed to prevent IC destruction under fault conditions described in this data sheet.
Fault conditions are considered as “outside” normal operating range. Protection
functions are not designed for continuous repetitive operation.
There is an over load and over temperature protection implemented in the SPIDER -
TLE 7232G. The behavior of the protective functions can be set-up via SPI. Following
figure gives an overview about the protective functions.
Figure 7
Protective Functions
4.2.1
Over Load Protection
The SPIDER - TLE 7232G is protected in case of over load or short circuit of the load.
The behavior in case of over load can be configured as follows:
a) The current is limited to
I
DS(LIM). After time td(fault), the according over load flag Ln is
set. The channel may shut down due to over temperature.
b) The current is limited to
I
DS(LIM). After time td(off), the over loaded channel n switches
off and the according over load flag Ln is set.
The over load flag (CLn) of the affected channel is cleared by a low-high transition of the
input signal. For timing information, please refer to Figure 8 for details.
Protection.emf
OUTn
input mapping
MAPn
BOLn
OUTn
IN
temperature
monitor
current
limitation
gate control
OVTn
T
Tn
CLn
OVLn
&
&
delay
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com