Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7232G Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE7232G Datasheet HTML 16Page - Infineon Technologies AG TLE7232G Datasheet HTML 17Page - Infineon Technologies AG TLE7232G Datasheet HTML 18Page - Infineon Technologies AG TLE7232G Datasheet HTML 19Page - Infineon Technologies AG TLE7232G Datasheet HTML 20Page - Infineon Technologies AG TLE7232G Datasheet HTML 21Page - Infineon Technologies AG TLE7232G Datasheet HTML 22Page - Infineon Technologies AG TLE7232G Datasheet HTML 23Page - Infineon Technologies AG TLE7232G Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Protection Functions
Data Sheet
20
V1.0, 2005-09-30
4.2.4
Electrical Characteristics
Unless otherwise specified:
V
dd = 4.5 V to 5.5 V, Tj = -40 °C to 150 °C
typical values:
V
dd = 5.0 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Test
Conditions
min.
typ. max.
Over Load Protection
4.2.1
Over load current
limitation
I
D(lim)
12
A
OVL
= 0
4.2.2
Over load shut-down
delay time
t
d(off)
10
50
µs
OVL
= 1
Over Temperature Protection
4.2.3
Over temperature
shut-down threshold
T
j(OT)
170
200
°C
1)
1) Not subject to production test, specified by design
4.2.4
Thermal hysteresis
∆Tj(OT)
10
K
1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com