Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7232G Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE7232G Datasheet HTML 25Page - Infineon Technologies AG TLE7232G Datasheet HTML 26Page - Infineon Technologies AG TLE7232G Datasheet HTML 27Page - Infineon Technologies AG TLE7232G Datasheet HTML 28Page - Infineon Technologies AG TLE7232G Datasheet HTML 29Page - Infineon Technologies AG TLE7232G Datasheet HTML 30Page - Infineon Technologies AG TLE7232G Datasheet HTML 31Page - Infineon Technologies AG TLE7232G Datasheet HTML 32Page - Infineon Technologies AG TLE7232G Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Serial Peripheral Interface (SPI)
Data Sheet
29
V1.0, 2005-09-30
Timings
4.4.11 Serial clock frequency
f
SCLK
05
MHz
4.4.12 Serial clock period
t
SCLK(P)
200
ns
4.4.13 Serial clock high time
t
SCLK(H)
50
ns
4.4.14 Serial clock low time
t
SCLK(L)
50
ns
4.4.15 Enable lead time
(falling CS to rising
SCLK)
t
SCLK(lead)
250
ns
4.4.16 Enable lag time
(falling SCLK to rising
CS)
t
SCLK(lag)
250
ns
4.4.17 Transfer delay time
(rising CS to falling
CS)
t
CS(del)
250
ns
4.4.18 Data setup time
(required time SI to
falling SCLK)
t
SI(su)
20
ns
4.4.19 Data hold time (falling
SCLK to SI)
t
SI(h)
20
ns
4.4.20 Output disable time
(rising CS to SO tri-
state)
t
SO(dis)
150 ns
1)
4.4.21 Output data valid time
with capacitive load
t
SO(v)
100 ns
C
L = 50 pF
1)
1) Not subject to production test, specified by design.
Unless otherwise specified:
V
VSO = 3.0 V to 5.5 V, Vdd = 4.5 V to 5.5 V, Tj = -40 °C to 150 °C
typical values:
V
VSO = 5.0 V, Vdd = 5.0 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Test
Conditions
min. typ.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com