| Electronic Components Datasheet Search |
|
TLE7232G Datasheet(PDF) 11 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7232G Datasheet(HTML) 11 Page - Infineon Technologies AG |
|
11 / 36 page ![]() SPI Driver for Enhanced Relay Control SPIDER - TLE 7232G Block Description and Electrical Characteristics Data Sheet 11 V1.0, 2005-09-30 4 Block Description and Electrical Characteristics 4.1 Power Stages The SPIDER - TLE 7232G is an eight channel low-side relay switch. The power stages are built by N-channel vertical power MOSFET transistors. 4.1.1 Power Supply The SPIDER - TLE 7232G is supplied by power supply line V dd which is used for the digital as well as the analog functions of the device including the gate control of the power stages. There is a power-on reset function implemented for the supply line. After start-up of the power supply, all SPI registers are reset to their default values. A capacitor at pins VDD to GND is recommended. The voltage at pin VSO is used by the driver of the SO line at the SPI. It is designed to be functional at a wide voltage range. There is a reset pin available. At low level at this pin, all registers are set to their default values and the quiescent supply current is minimized. 4.1.2 Input Circuit There is an input pin available at SPIDER - TLE 7232G to control the output stages. Figure 4 Input Mapping and Boolean Operator channel 7 channel 6 channel 5 channel 4 channel 2 channel 1 channel 0 InputLogic.emf & OR MAP0 IN I IN OUT0 BOL0 channel 3 & OR OUT3 BOL3 MAP3 gate control SLE0 gate control SLE3 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |