Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE7232G Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE7232G
Description  SPI Driver for Enhanced Relay Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7232G Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE7232G Datasheet HTML 10Page - Infineon Technologies AG TLE7232G Datasheet HTML 11Page - Infineon Technologies AG TLE7232G Datasheet HTML 12Page - Infineon Technologies AG TLE7232G Datasheet HTML 13Page - Infineon Technologies AG TLE7232G Datasheet HTML 14Page - Infineon Technologies AG TLE7232G Datasheet HTML 15Page - Infineon Technologies AG TLE7232G Datasheet HTML 16Page - Infineon Technologies AG TLE7232G Datasheet HTML 17Page - Infineon Technologies AG TLE7232G Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
SPI Driver for Enhanced Relay Control
SPIDER - TLE 7232G
Block Description and Electrical Characteristics
Data Sheet
14
V1.0, 2005-09-30
4.1.5
Electrical Characteristics
Unless otherwise specified:
V
dd = 4.5 V to 5.5 V, Tj = -40 °C to 150 °C
typical values:
V
dd = 5.0 V, Tj = 25 °C
Pos.
Parameter
Symbol
Limit Values
Unit
Test
Conditions
min.
typ. max.
Power Supply
4.1.1
Power supply voltage
V
dd
4.5
5.5
V
4.1.2
Power supply current
I
dd(ON)
3
5
mA
all channels ON
4.1.3
Power supply reset
current
I
dd(RST)
10
µA
V
RST = 0 V
V
IN = 0 V
V
SCLK = 0 V
V
SI = 0 V
V
CS = Vdd
4.1.4
Power-on reset
threshold voltage
V
dd(PO)
4.5
V
Output Characteristics
4.1.5
On-State resistance
per channel
R
DS(ON)
1.0
1.2
2.1
Ω
I
L = 300 mA
V
dd = 5 V
T
j = 25 °C
1)
T
j = 150 °C
4.1.6
Output leakage
current in stand-by
mode
(per channel)
I
D(RST)
1
2
5
µA
V
DS = 13.5 V
T
j = 25 °C
1)
T
j = 125 °C
T
j = 150 °C
1)
4.1.7
Output clamping
voltage
V
DS(CL)
48
60
V
Input Characteristics
4.1.8
L level of pin IN
V
IN(L)
01.0
V
4.1.9
H level of pin IN
V
IN(H)
2.0
V
dd
V
4.1.10 Input voltage
hysteresis at pin IN
∆VIN
0.1
V
1)
4.1.11 L-input pull-down
current through pin IN
I
IN(L)
10
100
µA
1)
V
IN = 1 V
4.1.12 H-input pull-down
current through pin IN
I
IN(H)
20
50
100
µA
V
IN = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com