Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 108Page - Renesas Technology Corp R5F100ML Datasheet HTML 109Page - Renesas Technology Corp R5F100ML Datasheet HTML 110Page - Renesas Technology Corp R5F100ML Datasheet HTML 111Page - Renesas Technology Corp R5F100ML Datasheet HTML 112Page - Renesas Technology Corp R5F100ML Datasheet HTML 113Page - Renesas Technology Corp R5F100ML Datasheet HTML 114Page - Renesas Technology Corp R5F100ML Datasheet HTML 115Page - Renesas Technology Corp R5F100ML Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
112 of 200
Jun 30, 2020
(3) When reference voltage (+) = VDD (ADREFP1 = 0, ADREFP0 = 0), reference voltage (–) = VSS (ADREFM = 0),
target pin : ANI0 to ANI14, ANI16 to ANI26, internal reference voltage, and temperature sensor output voltage
(TA = –40 to +85°C, 1.6 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V, Reference voltage (+) = VDD,
Reference voltage (–) = VSS)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resolution
RES
8
10
bit
Overall errorNote 1
AINL
10-bit resolution
1.8 V
≤ VDD ≤ 5.5 V
1.2
±7.0
LSB
1.6 V
≤ VDD ≤ 5.5 V
Note 3
1.2
±10.5
LSB
Conversion time
tCONV
10-bit resolution
Target pin: ANI0 to ANI14,
ANI16 to ANI26
3.6 V
≤ VDD ≤ 5.5 V
2.125
39
µs
2.7 V
≤ VDD ≤ 5.5 V
3.1875
39
µs
1.8 V
≤ VDD ≤ 5.5 V
17
39
µs
1.6 V
≤ VDD ≤ 5.5 V
57
95
µs
Conversion time
tCONV
10-bit resolution
Target pin: Internal
reference voltage, and
temperature sensor output
voltage (HS (high-speed
main) mode)
3.6 V
≤ VDD ≤ 5.5 V
2.375
39
µs
2.7 V
≤ VDD ≤ 5.5 V
3.5625
39
µs
2.4 V
≤ VDD ≤ 5.5 V
17
39
µs
Zero-scale errorNotes 1, 2
EZS
10-bit resolution
1.8 V
≤ VDD ≤ 5.5 V
±0.60
%FSR
1.6 V
≤ VDD ≤ 5.5 V
Note 3
±0.85
%FSR
Full-scale errorNotes 1, 2
EFS
10-bit resolution
1.8 V
≤ VDD ≤ 5.5 V
±0.60
%FSR
1.6 V
≤ VDD ≤ 5.5 V
Note 3
±0.85
%FSR
Integral linearity errorNote 1
ILE
10-bit resolution
1.8 V
≤ VDD ≤ 5.5 V
±4.0
LSB
1.6 V
≤ VDD ≤ 5.5 V
Note 3
±6.5
LSB
Differential linearity error Note 1
DLE
10-bit resolution
1.8 V
≤ VDD ≤ 5.5 V
±2.0
LSB
1.6 V
≤ VDD ≤ 5.5 V
Note 3
±2.5
LSB
Analog input voltage
VAIN
ANI0 to ANI14
0
VDD
V
ANI16 to ANI26
0
EVDD0
V
Internal reference voltage
(2.4 V
≤ VDD ≤ 5.5 V, HS (high-speed main) mode)
VBGR Note 4
V
Temperature sensor output voltage
(2.4 V
≤ VDD ≤ 5.5 V, HS (high-speed main) mode)
VTMPS25 Note 4
V
Notes 1. Excludes quantization error (±1/2 LSB).
2. This value is indicated as a ratio (%FSR) to the full-scale value.
3. When the conversion time is set to 57 µs (min.) and 95 µs (max.).
4. Refer to 2.6.2 Temperature sensor/internal reference voltage characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com