Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 110Page - Renesas Technology Corp R5F100ML Datasheet HTML 111Page - Renesas Technology Corp R5F100ML Datasheet HTML 112Page - Renesas Technology Corp R5F100ML Datasheet HTML 113Page - Renesas Technology Corp R5F100ML Datasheet HTML 114Page - Renesas Technology Corp R5F100ML Datasheet HTML 115Page - Renesas Technology Corp R5F100ML Datasheet HTML 116Page - Renesas Technology Corp R5F100ML Datasheet HTML 117Page - Renesas Technology Corp R5F100ML Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 207 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = –40 to +85°C)
R01DS0131EJ0350 Rev.3.50
114 of 200
Jun 30, 2020
2.6.2 Temperature sensor/internal reference voltage characteristics
(TA = –40 to +85°C, 2.4 V
≤ VDD ≤ 5.5 V, VSS = 0 V, HS (high-speed main) mode)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Temperature sensor output voltage
VTMPS25
Setting ADS register = 80H, TA = +25°C
1.05
V
Internal reference voltage
VBGR
Setting ADS register = 81H
1.38
1.45
1.5
V
Temperature coefficient
FVTMPS
Temperature sensor that depends on the
temperature
–3.6
mV/°C
Operation stabilization wait time
tAMP
5
µs
2.6.3 POR circuit characteristics
(TA = –40 to +85°C, VSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Detection voltage
VPOR
The power supply voltage is rising.
1.47
1.51
1.55
V
VPDR
The power supply voltage is falling.
1.46
1.50
1.54
V
Minimum pulse widthNote
TPW
300
µs
Note Minimum time required for a POR reset when VDD exceeds below VPDR. This is also the minimum time required for a
POR reset from when VDD exceeds below 0.7 V to when VDD exceeds VPOR while STOP mode is entered or the main
system clock is stopped through setting bit 0 (HIOSTOP) and bit 7 (MSTOP) in the clock operation status control
register (CSC).
TPW
VPOR
VPDR or 0.7 V
Supply voltage (VDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com