Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 126Page - Renesas Technology Corp R5F100ML Datasheet HTML 127Page - Renesas Technology Corp R5F100ML Datasheet HTML 128Page - Renesas Technology Corp R5F100ML Datasheet HTML 129Page - Renesas Technology Corp R5F100ML Datasheet HTML 130Page - Renesas Technology Corp R5F100ML Datasheet HTML 131Page - Renesas Technology Corp R5F100ML Datasheet HTML 132Page - Renesas Technology Corp R5F100ML Datasheet HTML 133Page - Renesas Technology Corp R5F100ML Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 207 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0131EJ0350 Rev.3.50
130 of 200
Jun 30, 2020
(1) Flash ROM: 16 to 64 KB of 20- to 64-pin products
(TA = –40 to +105°C, 2.4 V
≤ EVDD0 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = 0 V) (2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX. Unit
Supply
current
Note 1
IDD2
Note 2
HALT
mode
HS (high-
speed main)
mode Note 7
fIH = 32 MHz Note 4
VDD = 5.0 V
0.54
2.90
mA
VDD = 3.0 V
0.54
2.90
mA
fIH = 24 MHz Note 4
VDD = 5.0 V
0.44
2.30
mA
VDD = 3.0 V
0.44
2.30
mA
fIH = 16 MHz Note 4
VDD = 5.0 V
0.40
1.70
mA
VDD = 3.0 V
0.40
1.70
mA
HS (high-
speed main)
mode Note 7
fMX = 20 MHzNote 3,
VDD = 5.0 V
Square wave input
0.28
1.90
mA
Resonator connection
0.45
2.00
mA
fMX = 20 MHzNote 3,
VDD = 3.0 V
Square wave input
0.28
1.90
mA
Resonator connection
0.45
2.00
mA
fMX = 10 MHzNote 3,
VDD = 5.0 V
Square wave input
0.19
1.02
mA
Resonator connection
0.26
1.10
mA
fMX = 10 MHzNote 3,
VDD = 3.0 V
Square wave input
0.19
1.02
mA
Resonator connection
0.26
1.10
mA
Subsystem
clock
operation
fSUB = 32.768 kHzNote 5
TA = –40°C
Square wave input
0.25
0.57
µA
Resonator connection
0.44
0.76
µA
fSUB = 32.768 kHzNote 5
TA = +25°C
Square wave input
0.30
0.57
µA
Resonator connection
0.49
0.76
µA
fSUB = 32.768 kHzNote 5
TA = +50°C
Square wave input
0.37
1.17
µA
Resonator connection
0.56
1.36
µA
fSUB = 32.768 kHzNote 5
TA = +70°C
Square wave input
0.53
1.97
µA
Resonator connection
0.72
2.16
µA
fSUB = 32.768 kHzNote 5
TA = +85°C
Square wave input
0.82
3.37
µA
Resonator connection
1.01
3.56
µA
fSUB = 32.768 kHzNote 5
TA = +105°C
Square wave input
3.01
15.37
µA
Resonator connection
3.20
15.56
µA
IDD3Note 6
STOP
modeNote 8
TA = –40°C
0.18
0.50
µA
TA = +25°C
0.23
0.50
µA
TA = +50°C
0.30
1.10
µA
TA = +70°C
0.46
1.90
µA
TA = +85°C
0.75
3.30
µA
TA = +105°C
2.94
15.30
µA
(Notes and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com