Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 128Page - Renesas Technology Corp R5F100ML Datasheet HTML 129Page - Renesas Technology Corp R5F100ML Datasheet HTML 130Page - Renesas Technology Corp R5F100ML Datasheet HTML 131Page - Renesas Technology Corp R5F100ML Datasheet HTML 132Page - Renesas Technology Corp R5F100ML Datasheet HTML 133Page - Renesas Technology Corp R5F100ML Datasheet HTML 134Page - Renesas Technology Corp R5F100ML Datasheet HTML 135Page - Renesas Technology Corp R5F100ML Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 207 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0131EJ0350 Rev.3.50
132 of 200
Jun 30, 2020
(2) Flash ROM: 96 to 256 KB of 30- to 100-pin products
(TA = –40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V) (1/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX. Unit
Supply
current
Note 1
IDD1
Operating
mode
HS (high-
speed main)
mode Note 5
fIH = 32 MHz Note 3
Basic
operation
VDD = 5.0 V
2.3
mA
VDD = 3.0 V
2.3
mA
Normal
operation
VDD = 5.0 V
5.2
9.2
mA
VDD = 3.0 V
5.2
9.2
mA
fIH = 24 MHz Note 3
Normal
operation
VDD = 5.0 V
4.1
7.0
mA
VDD = 3.0 V
4.1
7.0
mA
fIH = 16 MHz Note 3
Normal
operation
VDD = 5.0 V
3.0
5.0
mA
VDD = 3.0 V
3.0
5.0
mA
HS (high-
speed main)
mode Note 5
fMX = 20 MHzNote 2,
VDD = 5.0 V
Normal
operation
Square wave input
3.4
5.9
mA
Resonator connection
3.6
6.0
mA
fMX = 20 MHzNote 2,
VDD = 3.0 V
Normal
operation
Square wave input
3.4
5.9
mA
Resonator connection
3.6
6.0
mA
fMX = 10 MHzNote 2,
VDD = 5.0 V
Normal
operation
Square wave input
2.1
3.5
mA
Resonator connection
2.1
3.5
mA
fMX = 10 MHzNote 2,
VDD = 3.0 V
Normal
operation
Square wave input
2.1
3.5
mA
Resonator connection
2.1
3.5
mA
Subsystem
clock
operation
fSUB = 32.768 kHz
Note 4
TA = –40°C
Normal
operation
Square wave input
4.8
5.9
µA
Resonator connection
4.9
6.0
µA
fSUB = 32.768 kHz
Note 4
TA = +25°C
Normal
operation
Square wave input
4.9
5.9
µA
Resonator connection
5.0
6.0
µA
fSUB = 32.768 kHz
Note 4
TA = +50°C
Normal
operation
Square wave input
5.0
7.6
µA
Resonator connection
5.1
7.7
µA
fSUB = 32.768 kHz
Note 4
TA = +70°C
Normal
operation
Square wave input
5.2
9.3
µA
Resonator connection
5.3
9.4
µA
fSUB = 32.768 kHz
Note 4
TA = +85°C
Normal
operation
Square wave input
5.7
13.3
µA
Resonator connection
5.8
13.4
µA
fSUB = 32.768 kHz
Note 4
TA = +105°C
Normal
operation
Square wave input
10.0
46.0
µA
Resonator connection
10.0
46.0
µA
(Notes and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com