Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 132Page - Renesas Technology Corp R5F100ML Datasheet HTML 133Page - Renesas Technology Corp R5F100ML Datasheet HTML 134Page - Renesas Technology Corp R5F100ML Datasheet HTML 135Page - Renesas Technology Corp R5F100ML Datasheet HTML 136Page - Renesas Technology Corp R5F100ML Datasheet HTML 137Page - Renesas Technology Corp R5F100ML Datasheet HTML 138Page - Renesas Technology Corp R5F100ML Datasheet HTML 139Page - Renesas Technology Corp R5F100ML Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 207 page
background image
RL78/G13
3. ELECTRICAL SPECIFICATIONS (G: INDUSTRIAL APPLICATIONS TA = –40 to +105°C)
R01DS0131EJ0350 Rev.3.50
136 of 200
Jun 30, 2020
(3)
Peripheral Functions (Common to all products)
(TA = –40 to +105°C, 2.4 V
≤ EVDD0 = EVDD1 ≤ VDD ≤ 5.5 V, VSS = EVSS0 = EVSS1 = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Low-speed on-
chip oscillator
operating current
IFIL
Note 1
0.20
µA
RTC operating
current
IRTC
Notes 1, 2, 3
0.02
µA
12-bit interval
timer operating
current
IIT
Notes 1, 2, 4
0.02
µA
Watchdog timer
operating current
IWDT
Notes 1, 2, 5
fIL = 15 kHz
0.22
µA
A/D converter
operating current
IADC
Notes 1, 6
When conversion
at maximum speed
Normal mode, AVREFP = VDD = 5.0 V
1.3
1.7
mA
Low voltage mode, AVREFP = VDD = 3.0 V
0.5
0.7
mA
A/D converter
reference
voltage current
IADREF
Note 1
75.0
µA
Temperature
sensor operating
current
ITMPS
Note 1
75.0
µA
LVD operating
current
ILVD
Notes 1, 7
0.08
µA
Self
programming
operating current
IFSP
Notes 1, 9
2.50
12.20
mA
BGO operating
current
IBGO
Notes 1, 8
2.50
12.20
mA
SNOOZE
operating
current
ISNOZ
Note 1
ADC operation
The mode is performed Note 10
0.50
1.10
mA
The A/D conversion operations are
performed, low-voltage mode, AVREFP = VDD
= 3.0 V
1.20
2.04
mA
CSI/UART operation
0.70
1.54
mA
Notes 1. Current flowing to the VDD.
2. When high speed on-chip oscillator and high-speed system clock are stopped.
3. Current flowing only to the real-time clock (RTC) (excluding the operating current of the low-speed on-chip
oscillator and the XT1 oscillator). The supply current of the RL78 microcontrollers is the sum of the values of
either IDD1 or IDD2, and IRTC, when the real-time clock operates in operation mode or HALT mode. When the
low-speed on-chip oscillator is selected, IFIL should be added. IDD2 subsystem clock operation includes the
operational current of the real-time clock.
4. Current flowing only to the 12-bit interval timer (excluding the operating current of the low-speed on-chip
oscillator and the XT1 oscillator). The supply current of the RL78 microcontrollers is the sum of the values of
either IDD1 or IDD2, and IIT, when the 12-bit interval timer operates in operation mode or HALT mode. When the
low-speed on-chip oscillator is selected, IFIL should be added.
5. Current flowing only to the watchdog timer (including the operating current of the low-speed on-chip oscillator).
The supply current of the RL78 is the sum of IDD1, IDD2 or IDD3 and IWDT when the watchdog timer operates.
6. Current flowing only to the A/D converter. The supply current of the RL78 microcontrollers is the sum of IDD1 or
IDD2 and IADC when the A/D converter is in operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com