Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 171Page - Renesas Technology Corp R5F100ML Datasheet HTML 172Page - Renesas Technology Corp R5F100ML Datasheet HTML 173Page - Renesas Technology Corp R5F100ML Datasheet HTML 174Page - Renesas Technology Corp R5F100ML Datasheet HTML 175Page - Renesas Technology Corp R5F100ML Datasheet HTML 176Page - Renesas Technology Corp R5F100ML Datasheet HTML 177Page - Renesas Technology Corp R5F100ML Datasheet HTML 178Page - Renesas Technology Corp R5F100ML Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 207 page
background image
RL78/G13
4. PACKAGE DRAWINGS
R01DS0131EJ0350 Rev.3.50
175 of 200
Jun 30, 2020
2X
D
SEATING PLANE
ccc C
24X
bbb
C A B
ddd
C
b(24X)
19
24
16
7
12
13
18
E2
D2
L(24X)
K(24X)
C
aaa C
B
2X
aaa C
(A3) A1
A
eee C
fff
C A B
fff
C A B
A
E
e
24
19
18
13
12
7
1
6
EXPOSED DIE PAD
INDEX AREA
(D/2 X E/2)
Reference
Symbol
Dimension in Millimeters
Min.
Nom.
Max.
A0.80
A1
0.00
0.02
0.05
A3
0.203 REF.
b
0.18
0.25
0.30
D4.00 BSC
E4.00 BSC
e0.50 BSC
L
0.35
0.40
0.45
K
0.20
D2
2.55
2.60
2.65
E2
2.55
2.60
2.65
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
JEITA Package code
RENESAS code
MASS(TYP.)[g]
P-HWQFN024-4x4-0.50
PWQN0024KF-A
0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com