Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F100ML Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # R5F100ML
Description  True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100ML Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button R5F100ML Datasheet HTML 174Page - Renesas Technology Corp R5F100ML Datasheet HTML 175Page - Renesas Technology Corp R5F100ML Datasheet HTML 176Page - Renesas Technology Corp R5F100ML Datasheet HTML 177Page - Renesas Technology Corp R5F100ML Datasheet HTML 178Page - Renesas Technology Corp R5F100ML Datasheet HTML 179Page - Renesas Technology Corp R5F100ML Datasheet HTML 180Page - Renesas Technology Corp R5F100ML Datasheet HTML 181Page - Renesas Technology Corp R5F100ML Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 207 page
background image
RL78/G13
4. PACKAGE DRAWINGS
R01DS0131EJ0350 Rev.3.50
178 of 200
Jun 30, 2020
4.5 32-pin Package
2013 Renesas Electronics Corporation. All rights reserved.
S
y
e
Lp
S
x
b
A B
M
A
D
E
24
16
17
8
9
1
32
A
S
B
A
D
E
25
EXPOSED DIE PAD
P-HWQFN32-5x5-0.50
PWQN0032KB-A
P32K8-50-3B4-5
0.06
8
1
9
16
25
32
INDEX AREA
2
2
D
A
Lp
0.20
3.50
0.40
5.00
5.00
3.50
Referance
Symbol
Min
Nom
Max
Dimension in Millimeters
0.30
0.30
0.50
b
0.18
x
A
0.80
y
0.05
0.00
0.25
e
Z
Z
c
D
E
1
D
E
2
2
2
E
0.50
0.05
0.75
0.75
0.15
0.25
A1
C2
5.05
4.95
5.05
4.95
Z
Z
D
E
17
24
JEITA Package code
RENESAS code
Previous code
MASS (TYP.)[g]
DETAIL OF A PART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com