Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC08KL8GRS/D Datasheet(PDF) 102 Page - NXP Semiconductors

Part # HC08KL8GRS/D
Description  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D Datasheet(HTML) 102 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 98Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 99Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 100Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 101Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 102Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 103Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 104Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 105Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 106Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 256 page
background image
System Integration Module (SIM)
General Release Specification
MC68HC08KL8 — Rev. 2.0
System Integration Module (SIM)
ILAD — Illegal Address Reset Bit (opcode fetches only)
1 = An illegal address reset has occurred since the last read
of the RSR.
0 = POR or read of RSR
USB — Universal Serial Bus Reset Bit
1 = Last reset caused by an USB module
0 = POR or read of RSR
8.8.3 Break Flag Control Register
The break control register contains a bit that enables software to clear
status bits while the MCU is in a break state.
NOTE:
Writing to a reserved address can have unpredictable effects on MCU
operation.
BCFE — Break Clear Flag Enable Bit
This read/write bit enables software to clear status bits by
accessing status registers while the MCU is in a break state.
To clear status bits during the break state, the BCFE bit must
be set.
1 = Status bits clearable during break
0 = Status bits not clearable during break
Address:
$FE03
Bit 7
654321
Bit 0
Read:
BCFE
RRRRRRR
Write:
POR:
0
R
= Reserved
Figure 8-21. Break Flag Control Register (BFCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com