Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC08KL8GRS/D Datasheet(PDF) 106 Page - NXP Semiconductors

Part # HC08KL8GRS/D
Description  High-Performance M68HC08 Architecture
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC08KL8GRS/D Datasheet(HTML) 106 Page - NXP Semiconductors

Back Button HC08KL8GRS/D Datasheet HTML 102Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 103Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 104Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 105Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 106Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 107Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 108Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 109Page - NXP Semiconductors HC08KL8GRS/D Datasheet HTML 110Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 256 page
background image
Universal Serial Bus Module (USB)
General Release Specification
MC68HC08KL8 — Rev. 2.0
Universal Serial Bus Module (USB)
9.3 Overview
This section provides an overview of the universal serial bus (USB)
module developed for the MC68HC08KL8. This USB module is
designed to serve as a low-speed (LS) USB device per the
Universal
Serial Bus Specification Rev 1.0. Three types of USB data transfers are
supported: control, interrupt, and bulk (transmit only). Endpoint 0
functions as a receive/transmit control endpoint. Endpoints 1 and 2 can
function as interrupt or bulk, but only in the transmit direction.
A block diagram of the USB module is shown in Figure 9-1. The USB
module manages communications between the host and the USB
function. The module is partitioned into four functional blocks. These
blocks consist of a 3.3-volt regulator, a dual-function transceiver, the
USB control logic, and the endpoint registers. The blocks are further
detailed later in this section (see 9.5 Hardware Description).
Figure 9-1. USB Block Diagram
D +
D –
USB
UPSTREAM
PORT
RCV
VPIN
VMIN
VPOUT
VMOUT
REGULATOR
3.3 V OUT
CPU BUS
USB REGISTERS
REGOUT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com