Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6366TCX Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM8AP6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6366TCX Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM8AP6366TCX Datasheet HTML 50Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 51Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 52Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 53Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 54Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 55Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 56Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 57Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 116 page
background image
Option bytes
STM8AF6388
54/116
DocID031156 Rev 1
9
Option bytes
Option bytes contain configurations for device hardware features as well as the memory
protection of the device. They are stored in a dedicated block of the memory. Each option
byte has to be stored twice, for redundancy, in a regular form (OPTx) and a complemented
one (NOPTx), except for the ROP (read-out protection) option byte and option bytes 8 to 16.
Option bytes can be modified in ICP mode (via SWIM) by accessing the EEPROM address
shown in Table 16: Option bytes below.
Option bytes can also be modified ‘on the fly’ by the application in IAP mode, except the
ROP and UBC options that can only be changed in ICP mode (via SWIM).
Refer to the STM8 Flash programming manual (PM0047) and STM8 SWIM communication
protocol and debug module user manual (UM0470) for information on SWIM programming
procedures.
Table 16. Option bytes
Addr.
Option
name
Option
byte
no.
Option bits
Factory
default
setting
7
6543
2
1
0
0x00
4800
Read-out
protection
(ROP)
OPT0
ROP[7:0]
0x00
0x00
4801
User boot
code
(UBC)
OPT1
UBC[7:0]
0x00
0x00
4802
NOPT1
NUBC[7:0]
0xFF
0x00
4803
Alternate
function
remapping
(AFR)
OPT2
AFR7
AFR6
AFR5
AFR4
AFR3
AFR2
AFR1
AFR0
0x00
0x00
4804
NOPT2 NAFR7 NAFR6 NAFR5 NAFR4 NAFR3 NAFR2
NAFR1
NAFR0
0xFF
0x00
4805
Watchdog
option
OPT3
Reserved
LSI_
EN
IWDG
_HW
WWD
G _HW
WWDG
_HALT
0x00
0x00
4806
NOPT3
Reserved
NLSI_
EN
NIWD
G_HW
NWWD
G_HW
NWWG
_HALT
0xFF
0x00
4807
Clock
option
OPT4
Reserved
EXT
CLK
CKAW
USEL
PRSC1
PRSC0
0x00
0x00
4808
NOPT4
Reserved
NEXT
CLK
NCKAW
USEL
NPRSC1
NPRSC
0
0xFF
0x00
4809
HSE clock
startup
OPT5
HSECNT[7:0]
0x00
0x00
480A
NOPT5
NHSECNT[7:0]
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com