Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6366TCX Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM8AP6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6366TCX Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM8AP6366TCX Datasheet HTML 81Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 82Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 83Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 84Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 85Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 86Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 87Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 88Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 116 page
background image
DocID031156 Rev 1
85/116
STM8AF6388
Electrical characteristics
114
10.3.11
10-bit ADC characteristics
Subject to general operating conditions for VDDA, fMASTER and TA unless otherwise
specified.
Figure 43. Typical application with ADC
1. Legend: RAIN = external resistance, CAIN = capacitors, Csamp = internal sample and hold capacitor.
Table 41. ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fADC
ADC clock frequency
-
111 kHz
-
4 MHz kHz/MHz
VDDA
Analog supply
-
3
-
5.5
V
VREF+ Positive reference voltage
-
2.75
-
VDDA
VREF- Negative reference voltage
-
VSSA
-0.5
VAIN
Conversion voltage range(1)
1. During the sample time, the sampling capacitance, Csamp (3 pF typ), can be charged/discharged by the
external source. The internal resistance of the analog source must allow the capacitance to reach its final
voltage level within tS. After the end of the sample time tS, changes of the analog input voltage have no
effect on the conversion result.
-VSSA
-VDDA
Devices with
external VREF+/
VREF- pins
VREF-
-VREF+
Csamp Internal sample and hold capacitor
-
-
-
3
pF
tS(1)
Sampling time
(3 x 1/fADC)
fADC = 2 MHz
-
1.5
-
µs
fADC = 4 MHz
-
0.75
-
tSTAB
Wakeup time from standby
fADC = 2 MHz
-
7
-
fADC = 4 MHz
-
3.5
-
tCONV
Total conversion time including
sampling time
(14 x 1/fADC)
fADC = 2 MHz
-
7
-
fADC = 4 MHz
-
3.5
-
Rswitch Equivalent switch resistance
-
-
-
30
k
Ω
MSv38342V1
STM8A
RAIN
CAIN
VAIN
AINx
VDD
VT
0.6 V
VT
0.6 V
Csamp
IL
10-bit A/D
conversion
Rswitch
Ts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com