Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6366TCX Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM8AP6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6366TCX Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM8AP6366TCX Datasheet HTML 72Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 73Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 74Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 75Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 76Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 77Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 78Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 79Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 116 page
background image
Electrical characteristics
STM8AF6388
76/116
DocID031156 Rev 1
Figure 25. Typical pull-up current Ipu vs VDD @ four temperatures(1)
1. The pull-up is a pure resistor (slope goes through 0).
Typical output level curves
Figure 26 to Figure 35 show typical output level curves measured with output on a single
pin.
0
20
40
60
80
100
120
140
0123
456
V
DD [V]
-40°C
25°C
85°C
125°C
Figure 26. Typ. VOL @ VDD = 3.3 V (standard
ports)
Figure 27. Typ. VOL @ VDD = 5.0 V (standard
ports)
0
0.25
0.5
0.75
1
1.25
1.5
0
1
23
45
6
7
I
OL [mA]
-40°C
25°C
85°C
125°C
0
0.25
0.5
0.75
1
1.25
1.5
02
46
8
10
12
I
OL [mA]
-40°C
25°C
85°C
125°C
Figure 28. Typ. VOL @ VDD = 3.3 V (true open
drain ports)
Figure 29. Typ. VOL @ VDD = 5.0 V (true open
drain ports)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
02
46
8
10
12
14
I
OL [mA]
-40°C
25°C
85°C
125°C
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
0
5
10
15
20
25
I
OL [mA]
-40°C
25°C
85°C
125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com