Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6366TCX Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM8AP6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6366TCX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM8AP6366TCX Datasheet HTML 6Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 7Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 8Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 9Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 10Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 11Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 12Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 13Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 116 page
background image
Description
STM8AF6388
10/116
DocID031156 Rev 1
2
Description
The STM8AF6388 automotive 8-bit microcontrollers described in this datasheet offer from
32 Kbytes to 128 Kbytes of non volatile memory and integrated true data EEPROM. They
are referred to as high density STM8A devices in STM8S series and STM8AF series 8-bit
microcontrollers reference manual (RM0016).
All devices of the STM8A product line provide the following benefits: reduced system cost,
performance and robustness, short development cycles, and product longevity.
The system cost is reduced thanks to an integrated true data EEPROM for up to 300 k
write/erase cycles and a high system integration level with internal clock oscillators,
wtachdog, and brown-out reset.
Device performance is ensured by 20 MIPS at 24 MHz CPU clock frequency and enhanced
characteristics which include robust I/O, independent watchdogs (with a separate clock
source), and a clock security system.
Short development cycles are guaranteed due to application scalability across a common
family product architecture with compatible pinout, memory map, and modular peripherals.
Full documentation is offered with a wide choice of development tools.
Product longevity is ensured in the STM8A family thanks to their advanced core which is
made in a state-of-the art technology for automotive applications with 3.3 V to 5.5 V
operating supply.
All STM8A and ST7 microcontrollers are supported by the same tools including
STVD/STVP development environment, the STice emulator and a low-cost, third party in-
circuit debugging tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com