Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6366TCX Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM8AP6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6366TCX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM8AP6366TCX Datasheet HTML 19Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 20Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 21Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 22Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 23Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 24Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 25Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 26Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 116 page
background image
DocID031156 Rev 1
23/116
STM8AF6388
Product overview
114
Detailed feature list:
•
Full duplex, asynchronous communications
•
NRZ standard format (mark/space)
•
High-precision baud rate generator system
–
Common programmable transmit and receive baud rates up to fMASTER/16
•
Programmable data word length (8 or 9 bits)
•
Configurable stop bits: Support for 1 or 2 stop bits
•
LIN master mode:
–
LIN break and delimiter generation
–
LIN break and delimiter detection with separate flag and interrupt source for
readback checking.
•
Transmitter clock output for synchronous communication
•
Separate enable bits for transmitter and receiver
•
Transfer detection flags:
–
Receive buffer full
–
Transmit buffer empty
–
End of transmission flags
•
Parity control:
–
Transmits parity bit
–
Checks parity of received data byte
•
Four error detection flags:
–
Overrun error
–
Noise error
–
Frame error
–
Parity error
•
Six interrupt sources with flags:
–
Transmit data register empty
–
Transmission complete
–
Receive data register full
–
Idle line received
–
Parity error
–
LIN break and delimiter detection
•
Two interrupt vectors:
–
Transmitter interrupt
–
Receiver interrupt
•
Reduced power consumption mode
•
Wakeup from mute mode (by idle line detection or address mark detection)
•
Two receiver wakeup modes:
–
Address bit (MSB)
–
Idle line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com