Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6366TCX Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM8AP6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6366TCX Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM8AP6366TCX Datasheet HTML 18Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 19Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 20Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 21Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 22Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 23Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 24Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 25Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 116 page
background image
Product overview
STM8AF6388
22/116
DocID031156 Rev 1
5.8
Analog to digital converter (ADC)
The STM8A products described in this datasheet contain a 10-bit successive approximation
ADC with up to 16 multiplexed input channels, depending on the package.
The ADC name differs between the datasheet and the STM8A/S reference manual (see
Table 6).
ADC features
•
10-bit resolution
•
Single and continuous conversion modes
•
Programmable prescaler: fMASTER divided by 2 to 18
•
Conversion trigger on timer events, and external events
•
Interrupt generation at end of conversion
•
Selectable alignment of 10-bit data in 2 x 8 bit result registers
•
Shadow registers for data consistency
•
ADC input range: VSSA ≤VIN ≤VDDA
•
Schmitt-trigger on analog inputs can be disabled to reduce power consumption
5.9
Communication interfaces
The following sections give a brief overview of the communication peripheral. Some
peripheral names differ between the datasheet and STM8S series and STM8AF series 8-bit
microcontrollers reference manual (see Table 7).
5.9.1
Universal synchronous/asynchronous receiver transmitter (USART)
The devices covered by this datasheet contain one USART interface. The USART can
operate in standard SCI mode (serial communication interface, asynchronous) or in SPI
emulation mode. It is equipped with a 16 bit fractional prescaler. It features LIN master
support.
Table 6. ADC naming
Peripheral name in datasheet
Peripheral name in reference manual
(RM0016)
ADC
ADC2
Table 7. Communication peripheral naming correspondence
Peripheral name in datasheet
Peripheral name in reference manual
(RM0016)
USART
UART1
LINUART
UART3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com