Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6366TCX Datasheet(PDF) 62 Page - STMicroelectronics

Part # STM8AP6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6366TCX Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STM8AP6366TCX Datasheet HTML 58Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 59Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 60Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 61Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 62Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 63Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 64Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 65Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 116 page
background image
Electrical characteristics
STM8AF6388
62/116
DocID031156 Rev 1
10.3
Operating conditions
Figure 11. fCPUmax versus VDD
Table 22. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fCPU
Internal CPU clock frequency
1 wait state
TA = -40 °C to 150 °C
16
24
MHz
0 wait state
TA = -40 °C to 150 °C
016
VDD/VDDIO Standard operating voltage
-
3.0
5.5
V
VCAP(1)
1. Care should be taken when selecting the capacitor, due to its tolerance, as well as the parameter
dependency on temperature, DC bias and frequency in addition to other factors. The parameter maximum
value must be respected for the full application range.
CEXT: capacitance of external
capacitor
-
470
3300
nF
ESR of external capacitor
at 1 MHz(2)
2. This frequency of 1 MHz as a condition for VCAP parameters is given by design of internal regulator.
-0.3
Ω
ESL of external capacitor
-
15
nH
TA
Ambient temperature
Suffix A
- 40
85
°C
Suffix C
125
Suffix D
150
TJ
Junction temperature range
Suffix A
- 40
90
Suffix C
130
Suffix D
155
MSv44121V1
Functionality
not guaranteed
in this area
fCPU [MHz]
24
16
12
8
4
0
3.0
4.0
5.0
5.5
Supply voltage [V]
Functionality guaranteed
@TA -40 to 150 °C at 1 waitstate
Functionality guaranteed
@TA -40 to 150 °C at 0 waitstate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com