Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6366TCX Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM8AP6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6366TCX Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM8AP6366TCX Datasheet HTML 54Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 55Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 56Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 57Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 58Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 59Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 60Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 61Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 116 page
background image
Option bytes
STM8AF6388
58/116
DocID031156 Rev 1
OPT12
TMU_KEY 5 [7:0]: Temporary unprotection key 4
Temporary unprotection key: Must be different from 0x00 or 0xFF
OPT13
TMU_KEY 6 [7:0]: Temporary unprotection key 5
Temporary unprotection key: Must be different from 0x00 or 0xFF
OPT14
TMU_KEY 7 [7:0]: Temporary unprotection key 6
Temporary unprotection key: Must be different from 0x00 or 0xFF
OPT15
TMU_KEY 8 [7:0]: Temporary unprotection key 7
Temporary unprotection key: Must be different from 0x00 or 0xFF
OPT16
TMU_MAXATT [7:0]: TMU access failure counter
TMU_MAXATT can be initialized with the desired value only if TMU is
disabled (TMU[3:0]=0101 in OPT6 option byte).
When TMU is enabled, any attempt to temporary remove the readout
protection by using wrong key values increments the counter.
When the option byte value reaches 0x08, the Flash memory and data
EEPROM are erased.
OPT17
BL[7:0]: Bootloader enable
If this option byte is set to 0x55 (complementary value 0xAA) the
bootloader program is activated also in case of a programmed code
memory (for more details, see the bootloader user manual, UM0560).
Table 17. Option byte description (continued)
Option byte no.
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com