Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6366TCX Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM8AP6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6366TCX Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM8AP6366TCX Datasheet HTML 68Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 69Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 70Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 71Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 72Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 73Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 74Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 75Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 116 page
background image
Electrical characteristics
STM8AF6388
72/116
DocID031156 Rev 1
10.3.5
Memory characteristics
Flash program memory/data EEPROM memory
General conditions: TA = -40 °C to 150 °C.
Table 33. Flash program memory/data EEPROM memory
Symbol
Parameter
Conditions
Min(1)
1. Guaranteed by characterization results, not tested in production.
Typ
Max
Unit
VDD
Operating voltage
(all modes, execution/write/erase)
fCPU is 16 to 24 MHz
with 1 ws
fCPU is 0 to 16 MHz
with 0 ws
3.0
-
5.5
V
VDD
Operating voltage (code execution)
fCPU is 16 to 24 MHz
with 1 ws
fCPU is 0 to 16 MHz
with 0 ws
2.6
-
5.5
tprog
Standard programming time (including
erase) for byte/word/block
(1 byte/4 bytes/128 bytes)
--
6
6.6
ms
Fast programming time for 1 block
(128 bytes)
--
3
3.3
terase
Erase time for 1 block (128 bytes)
-
-
3
3.3
Table 34. Flash program memory
Symbol
Parameter
Condition
Min
Max
Unit
TWE
Temperature for writing and erasing
-
-40
150
°C
NWE
Flash program memory endurance
(erase/write cycles)(1)
1. The physical granularity of the memory is four bytes, so cycling is performed on four bytes even when a
write/erase operation addresses a single byte.
TA = 25 °C
1000
-
cycles
tRET
Data retention time
TA = 25 °C
40
-
years
TA = 55 °C
20
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com