Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8AP6366TCX Datasheet(PDF) 111 Page - STMicroelectronics

Part # STM8AP6366TCX
Description  Automotive 8-bit MCU, with up to 128-Kbyte Flash memory, data EEPROM, 10-bit ADC, timers, LIN, USART, SPI, I2C, 3 to 5.5 V
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AP6366TCX Datasheet(HTML) 111 Page - STMicroelectronics

Back Button STM8AP6366TCX Datasheet HTML 107Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 108Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 109Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 110Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 111Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 112Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 113Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 114Page - STMicroelectronics STM8AP6366TCX Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 116 page
background image
DocID031156 Rev 1
111/116
STM8AF6388
Ordering information
114
12
Ordering information
Figure 60. STM8AF6388 ordering information scheme1
1. For a list of available options (e.g. memory size, package) and orderable part numbers or for further
information on any aspect of this device, please go to www.st.com or contact the nearest ST Sales Office.
2. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q002 or equivalent.
3. Customer specific FASTROM code or custom device configuration. This field shows ‘SSS’ if the device
contains a super set silicon, usually equipped with bigger memory and more I/Os. This silicon is supposed
to be replaced later by the target silicon.
STM8A2
F63
A
A
T
D
XXX3
Y
Product class
8-bit automotive microcontroller
Program memory size
6 = 32 Kbyte
8 = 64 Kbyte
A= 128 Kbyte
Package type
T = LQFP
U = VFQFPN
Example:
Device family
63 = Silicon rev S, LIN only
Program memory type
F = Flash + EEPROM
P = FASTROM
Temperature range
A = -40 to 85 °C
C = -40 to 125 °C
D = -40 to 150 °C
Pin count
6 = 32 pins
8 = 48 pins
9 = 64 pins
A = 80 pins
Packing
Y = Tray
U = Tube
X = Tape and reel compliant with EIA 481-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com