Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 166Page - STMicroelectronics STM32H742AI Datasheet HTML 167Page - STMicroelectronics STM32H742AI Datasheet HTML 168Page - STMicroelectronics STM32H742AI Datasheet HTML 169Page - STMicroelectronics STM32H742AI Datasheet HTML 170Page - STMicroelectronics STM32H742AI Datasheet HTML 171Page - STMicroelectronics STM32H742AI Datasheet HTML 172Page - STMicroelectronics STM32H742AI Datasheet HTML 173Page - STMicroelectronics STM32H742AI Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
170/357
DS12110 Rev 10
Note:
ADC accuracy vs. negative injection current: injecting a negative current on any analog
input pins should be avoided as this significantly reduces the accuracy of the conversion
Table 88. ADC accuracy(1)(2)(3)
1. Guaranteed by characterization for BGA packages, the values for LQFP packages might differ.
2. ADC DC accuracy values are measured after internal calibration.
3. The above table gives the ADC performance in 16-bit mode.
Symbol
Parameter
Conditions(4)
4. ADC clock frequency
≤ 36 MHz, 2 V ≤ VDDA ≤3.3 V, 1.6 V ≤ VREF ≤ VDDA, BOOSTEN (for I/O) = 1.
Min
Typ
Max
Unit
ET
Total
unadjusted
error
Single
ended
BOOST = 1
-
±6
-
±LSB
BOOST = 0
-
±8
-
Differential
BOOST = 1
-
±10
-
BOOST = 0
-
±16
-
ED
Differential
linearity
error
Single
ended
BOOST = 1
-
2
-
BOOST = 0
-
1
-
Differential
BOOST = 1
-
8
-
BOOST = 0
-
2
-
EL
Integral
linearity
error
Single
ended
BOOST = 1
-
±6
-
BOOST = 0
-
±4
-
Differential
BOOST = 1
-
±6
-
BOOST = 0
-
±4
-
ENOB(5)
5. ENOB, SINAD, SNR and THD are specified for VDDA = VREF = 3.3 V.
Effective
number of
bits
(2 MSPS)
Single
ended
BOOST = 1
-
11.6
-
bits
BOOST = 0
-
12
-
Differential
BOOST = 1
-
13.3
-
BOOST = 0
-
13.5
-
SINAD(5)
Signal-to-
noise and
distortion
ratio
(2 MSPS)
Single
ended
BOOST = 1
-
71.6
-
dB
BOOST = 0
-
74
-
Differential
BOOST = 1
-
81.83
-
BOOST = 0
-
83
-
SNR(5)
Signal-to-
noise ratio
(2 MSPS)
Single
ended
BOOST = 1
-
72
-
BOOST = 0
-
74
-
Differential
BOOST = 1
-
82
-
BOOST = 0
-
83
-
THD(5)
Total
harmonic
distortion
Single
ended
BOOST = 1
-
−78
-
BOOST = 0
-
−80
-
Differential
BOOST = 1
-
−90
-
BOOST = 0
-
−95
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com