Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32H742AI Datasheet(PDF) 174 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 174 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 170Page - STMicroelectronics STM32H742AI Datasheet HTML 171Page - STMicroelectronics STM32H742AI Datasheet HTML 172Page - STMicroelectronics STM32H742AI Datasheet HTML 173Page - STMicroelectronics STM32H742AI Datasheet HTML 174Page - STMicroelectronics STM32H742AI Datasheet HTML 175Page - STMicroelectronics STM32H742AI Datasheet HTML 176Page - STMicroelectronics STM32H742AI Datasheet HTML 177Page - STMicroelectronics STM32H742AI Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
174/357
DS12110 Rev 10
IDDA(DAC)
DAC quiescent
consumption from VDDA
DAC output
buffer ON
No load, middle
code (0x800)
-
360
-
µA
No load, worst
code (0xF1C)
-
490
-
DAC output
buffer OFF
No load,
middle/worst
code (0x800)
-20
-
Sample and Hold mode,
CSH=100 nF
-
360*TON/
(TON+TOFF)
-
IDDV(DAC)
DAC consumption from
VREF+
DAC output
buffer ON
No load, middle
code (0x800)
-
170
-
No load, worst
code (0xF1C)
-
170
-
DAC output
buffer OFF
No load,
middle/worst
code (0x800)
-
160
-
Sample and Hold mode, Buffer
ON, CSH=100 nF (worst code)
-
170*TON/
(TON+TOFF)
-
Sample and Hold mode, Buffer
OFF, CSH=100 nF (worst code)
-
160*TON/
(TON+TOFF)
-
1. Guaranteed by characterization results.
2. Guaranteed by design.
3. In buffered mode, the output can overshoot above the final value for low input code (starting from the minimum value).
Table 89. DAC characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 90. DAC accuracy(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DNL
Differential non
linearity(2)
DAC output buffer ON
-
±2
-
LSB
DAC output buffer OFF
-
±2
-
INL
Integral non linearity(3)
DAC output buffer ON, CL ≤ 50 pF,
RL ≥ 5 ㏀
-±4
-
LSB
DAC output buffer OFF,
CL ≤ 50 pF, no RL
-±4
-
Offset
Offset error at code
0x800 (3)
DAC output
buffer ON,
CL ≤ 50 pF,
RL ≥ 5 ㏀
VREF+ = 3.6 V
-
-
±12
LSB
VREF+ = 1.8 V
-
-
±25
DAC output buffer OFF,
CL ≤ 50 pF, no RL
--
±8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com